PART |
Description |
Maker |
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTD24N06L NTD24N06L-1 NTD24N06L-1G NTD24N06LG NTD2 |
Power MOSFET 24 Amps, 60 Volts, Logic Level N-Channel DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 24 A, 60 V, 0.045 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 24Amps, 60Volts Logic Level N-Channel DPAK(24A, 60 V,逻辑电平,N通道,DPAK封装的功率MOSFET) Power MOSFET 24 Amps, 60 Volts Logic Level, N−Channel DPAK
|
ON Semiconductor
|
RM912 |
CDMA/AMPS 3-4 Volt Power Amplifier (824-849 MHz) CDMA/AMPS 3-4 Volt Power Amplifier (824?849 MHz)
|
ETC Conexant Systems, Inc
|
MMDF3N03HDR2 MMDF3N03HD MMDF3N03HD-D |
Power MOSFET 3 Amps, 30 Volts 4.1 A, 30 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 3 Amps, 30 Volts N-Channel SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
MMDFS3P303 MMDFS3P303R2 MMDFS3P303-D |
Power MOSFET 3 Amps / 30 Volts Power MOSFET 3 Amps, 30 Volts P-Channel SO-8, FETKY
|
ONSEMI[ON Semiconductor]
|
MTY25N60E |
OBSOLETE - Power MOSFET 25 Amps, 600 Volts N?Channel Power MOSFET
|
ON Semiconductor
|
NID9N05CL NID9N05CLT4 NID9N05CLT4G |
Power MOSFET Power MOSFET 9 Amps, 52 Volts N-Channel, Logic Level(9 A, 52V?昏??靛钩锛???????MOSFET) Power MOSFET 9 A, 52 V, N-Channel, Logic Level, Clamped MOSFET w/ESD Protection in a DPAK Package
|
ON Semiconductor
|
NTB23N03RT4G NTB23N03R NTB23N03RG NTB23N03RT4 |
Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK 6 A, 25 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 23 Amps, 25 Volts N−Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
NTP18N06L NTB18N06LT4 NTB18N06LT4G NTB18N06L |
Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) 15 A, 60 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 15 Amps, 60 Volts, Logic Level (N−Channel TO−220 and DPAK) Power MOSFET 15 Amps, 60 Volts, Logic Level N-Channel, D2 Pak
|
Microsemi, Corp. ONSEMI[ON Semiconductor]
|
J60030-2P J60030-3S J60030-1PR J60030-2PR J60030-2 |
Class J Fuseblocks 600 Volt, ú 600 Amps Class J Fuseblocks 600 Volt, ú-600 Amps Fuse 0.5 TO 30A 600V CLASS J
|
Cooper Bussmann, Inc.
|
MTD20N06HDLT4 |
Power MOSFET 20 Amps, 60 Volts, Logic Level N−Channel DPAK 20 A, 60 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
|